Part Number Hot Search : 
SA101 MAS9116 NTE393 D74ALVC1 1N415 20ECB HER180 74HC5
Product Description
Full Text Search
 

To Download HG4508024-2Z1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  automotive subminiature pcb twin relay hg4508 hg4508 1/2 features contact data coil data type coil voltage code nominal resistance ( ? ) 10% voltage (vdc) must operate voltage max. (vdc) must release voltage min. (vdc) standard big gap 0.6w 0.8w make 2 form c (2z) 60a 16vdc 35a, 10 min; 25a, 1 hr 0.1a, 5vdc 006 009 012 024 006 009 012 024 6 9 12 24 6 9 12 24 60 135 240 960 45 100 180 720 ordering designation model coil voltage code contact form version contact material contact gap 2z:2formc 1: sealed; 2: dust cover nil: agni10; a: agni0.15; c: agcdo; s: agsnoino nil: standard; g: big gap example: hg4508 / 012 - 2z 1 a g characteristics operate time release time insulation resistance dielectric strength shock resistance viberation resistance drop resistance power consumption ambient temperature weight 10 ms. typical 100 m ? , at 500 vdc, 50%rh 5 ms. typical 500 vrms, 1 min. 10 g, 11ms. 13 g, approx. da 1.5 mm, 10 - 55 hz 1 m hight drop on concrete standard: 0.6w; big gap: 0.8 w -30 c to 85 c operating; -40 c to 100 c storage 3.6 5.4 7.3 14.4 3.6 5.4 7.3 14.4 0.6 0.9 1.2 2.4 0.6 0.9 1.2 2.4 10 7 ops. 10 5 ops. see note 3 20a agni0.15, agsnoino break mechanical electrical max. switching current material form min. load service life max. switching voltage max. continuous current typical automotive applications two independent relay installed in one package miniaturized structure, light weight improved contact capacity power antenna tilt lock wheel power window automatic door lock interval wiper automatic seat adjustment slide roof control big gap type available for heavy motor load switching
hg4508 hg4508 2/2 reference curve overall dimensions, mounting holes and wiring diagram (mm) power load limit overall dimensions mounting holes (bottom view) wiring diagram (bottom view) notes 1. all parameters, unless otherwise specified, are measured at ambient temperature 23oc. 2. maximum make current refers to inrush current of motor load. 3. elecreical life obtained at motor load of locked rotor at 20a, 14vdc with operating frequency of 1 ops/sec. 4. custom-made services available with operational quantity. please let us know your special requirements. 5. specifications subject to change without prior notice.


▲Up To Search▲   

 
Price & Availability of HG4508024-2Z1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X